PART |
Description |
Maker |
PMM8713PT |
GT 17C 17#16 SKT RECP BOX RM Universal Controller IC for the 2-Phase Stepping Motor Drive
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AS1431 AS1431DR4D13 AS1431DR4D7 AS1431DR4DA AS1431 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 ER 9C 6#16 3#12 SKT RECP 精密可调并联参 ER 19C 19#16 SKT RECP BOX 精密可调并联参 Precision Adjustable Shunt Reference 精密可调并联参
|
ASTEC Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ISL88708 ISL88716 ISL88706 ISL88705 ISL88705IB846Z |
UP Supervisor with Watchdog Timer,Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset 与看门狗定时器,电源故障比较器,手动复位和可调电源监控复位, GT 14C 14#16 SKT RECP BOX 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 PTB 32C 32#20 PIN/SKT RECP SPST, Snap-in Pushbuttons
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BTB04-400 BTB04-400A BTB04-400D BTB04-400S BTB04-4 |
700 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB SENSITIVE GATE TRIACS 灵敏栅极双向可控 CTV 30C 4 MIXED PIN PLUG 灵敏栅极双向可控 CTV 37C 37#16 SKT RECP CTV 56C 48#20 8#16 PIN RECP CTV 56C 48#20 8#16 SKT RECP CTV 13C 13#22D SKT RECP CTV 19C 19#12 SKT RECP CTV 61C 61#20 SKT PLUG From old datasheet system SENSITIVE GATE TRIACS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
EL5228IL-T7 EL5228 EL5228IL EL5228IL-T13 |
CB 1C 1#0 SKT RECP BOX VCOM with Dual Gamma Buffer
|
INTERSIL[Intersil Corporation]
|
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT83C51RB2XXX-RLTIM AT83C51RC2XXX-RLTIL AT83C51RC2 |
ER 6C 3#16 3#8 SKT RECP BOX Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
CTA11ACP241.2 CTA11ASP61.2 CTA11ACP48R CTA11ACP6 C |
CIT SWITCH CONNECTOR ACCESSORY AB 7C 7#16S SKT RECP DISPLAY 7-SEG 8MM 1DIGIT YLW CA DISPLAY 7SEG 10.16MM 1DGT RED CC DISPLAY 7SEG 10.16MM 1DGT ORN CC AB 7C 7#16S PIN RECP ER 3C 1#8 2#16 PIN RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No P-Channel MOSFETs; Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): -60.0 V; RDS (on) (max) (@10V): 23.0 mOhm; RDS (on) (max) (@4.5V): -; RDS (on) (max) (@2.5V): -; MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102A SOLID SHELL BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 16 SHELL SIZE, 16-9 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available 切换Ccapacity高达25A,体积小,重量轻,PCB引脚qiock可连接安 AB 3C 1#8 2#16 SKT RECP 切换Ccapacity高达25A,体积小,重量轻,PCB引脚qiock可连接安
|
List of Unclassifed Man... N.A. ETC[ETC] CIT[CIT Relay & Switch] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
ATF1502ASV ATF1502ASV-15AI44 ATF1502ASV-15JC44 ATF |
ER 1C 1#8 SKT RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:8; Connector Shell Size:18-8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Highperformance EEPROM CPLD EE PLD, 20 ns, PQCC44
|
Atmel Corp. Atmel, Corp.
|
TC164 TC164-JRI3IM TC164-JR07560R TC164-JR0756K TC |
PTB 16C 16#16 PIN/SKT RECP PTB 24C 24#20 PIN/SKT RECP CHIP RESISTORS ARRAY 贴片电阻阵列
|
YAGEO ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|